Part Number Hot Search : 
MC3062 PTC10016 AD7645LN 7MDT10 DS737 M5300 IN102 06BKC
Product Description
Full Text Search
 

To Download MBR1060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
Features
* * * * Metal of siliconrectifier, majonty carrier conducton Guard ring for transient protection Low power loss high efficiency High surge capacity, High current capability
MBR1030CT THRU MBR1060CT
10 Amp Schottky Barrier Rectifier 30-60 Volts TO-220AB
Maximum Ratings
* * Operating Temperature: -55C to +150C Storage Temperature: -55C to +175C Device Marking : Maximum Recurrent Peak Reverse Voltage 30V 35V 40V 45V 50V 60V Maximum RMS Voltage 21V 24.5V 28V 31.5V 35V 42V Maximum DC Blocking Voltage 30V 35V 40V 45V 50V 60V
Catalog Number MBR1030CT MBR1035CT MBR1040CT MBR1045CT MBR1050CT MBR1060CT
B C K
PIN
L M D A E
MBR1030CT MBR1035CT MBR1040CT MBR1045CT MBR1050CT MBR1060CT
F G I J N HH
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element MBR1030CT-45CT MBR1050CT-60CT MBR1030CT-45CT MBR1050CT-60CT Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance MBR1030CT-45CT MBR1050CT-60CT IF(AV) IFSM 10A 125A TC = 105C
PIN 1
8.3ms, half sine
PIN 3
PIN 2 CASE
MM 14.22 9.65 2.54 5.84 9.65 -----12.70 2.29 0.51 0.30 3.53 3.56 1.14 2.03 15.88 10.67 3.43 6.86 10.67 6.35 14.73 2.79 1.14 0.64 4.09 4.83 1.40 2.92
VF
.70V .80V .57V .65V 0.1mA 15mA
IFM = 5A TJ = 25C IFM = 5A TJ = 125C TJ = 25C T J = 125C
IR
A B C D E F G H I J K L M N
INCHES .560 .625 .380 .420 .100 .135 .230 .270 .380 .420 -----.250 .500 .580 .090 .110 .020 .045 .012 .025 .139 .161 .140 .190 .045 .055 .080 .115
CJ
170pF 220pF
Measured at 1.0MHz, VR=4.0V
*Pulse test: Pulse width 300 sec, Duty cycle 2%
www cnelectr.com .
RATING AND CHARACTERISTIC CURVES MBR1030CT thru MBR1060CT
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
16
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
150 125 100 75 50 25 0 1 2 5 10 20 50 100
12
8
4
RESISTIVE OR INDUCTIVE LOAD
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
10
TJ = 125 C
MBR1030CT ~ MBR1045CT
10
1.0
MBR1050CT ~ MBR1060CT
0.1
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300us 2% Duty cycle
0.001 0 20 40 60 80 100 120 140
0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
MBR1030CT ~ MBR1045CT
CAPACITANCE , (pF)
100
MBR1050CT ~ MBR1060CT
TJ = 25 C, f= 1MHz
10 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of MBR1060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X